| データシートサーチシステム |
|
PMEG2005EH データシート(PDF) 4 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PMEG2005EH データシート(HTML) 4 Page - Nexperia B.V. All rights reserved |
|
4 / 13 page ![]() © Nexperia B.V. 2017. All rights reserved PMEGXX05EH_EJ_SER_2 Product data sheet Rev. 02 — 13 January 2010 4 of 13 Nexperia PMEGxx05EH/EJ series 0.5 A very low VF MEGA Schottky barrier rectifiers 6. Thermal characteristics [1] Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determining the reverse power losses PR and IF(AV) rating will be available on request. [2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. [3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2. Table 7. Thermal characteristics Symbol Parameter Conditions Min Typ Max Unit Rth(j-a) thermal resistance from junction to ambient in free air [1][2] SOD123F - - 330 K/W SOD323F - - 350 K/W [1][3] -- 150 K/W Rth(j-sp) thermal resistance from junction to solder point SOD123F - - 60 K/W SOD323F - - 55 K/W |