データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP3996SD-3033 データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LP3996SD-3033
部品情報  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3996SD-3033 データシート(HTML) 2 Page - National Semiconductor (TI)

  LP3996SD-3033 Datasheet HTML 1Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 2Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 3Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 4Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 5Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 6Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 7Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 8Page - National Semiconductor (TI) LP3996SD-3033 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Functional Block Diagram
20145806
Pin Descriptions
LLP-10 Package
Pin No
Symbol
Name and Function
1V
IN
Voltage Supply Input. Connect a 1µF capacitor between this
pin and GND.
2
EN1
Enable Input to Regulator 1. Active high input.
High = On. Low = OFF.
3
EN2
Enable Input to Regulator 2. Active high input.
High = On. Low = OFF.
4C
BYP
Internal Voltage Reference Bypass. Connect a 10nF capacitor
from this pin to GND to reduce output noise and improve line
transient and PSRR.
This pin may be left open.
5
SET
Set Delay Input. Connect a capacitor between this pin and
GND to set the POR delay time. If left open, there will be no
delay.
6
GND
Common Ground pin. Connect externally to exposed pad.
7
N/C
No Connection. Do not connect to any other pin.
8
POR
Power-On Reset Output. Open drain output. Active low
indicates under-voltage output on Regulator 2. A pull-up
resistor is required for correct operation.
9V
OUT2
Output of Regulator 2. 300mA maximum current output.
Connect a 1µF capacitor between this pin and GND.
10
V
OUT1
Output of Regulator 1. 150mA maximum current output.
Connect a 1µF capacitor between this pin and GND.
Pad
GND
Common Ground. Connect to Pin 6.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16