データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EKF5250 データシート(PDF) 1 Page - ELAN Microelectronics Corp

部品番号 EKF5250
部品情報  USB full speed NAND flash controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKF5250 データシート(HTML) 1 Page - ELAN Microelectronics Corp

  EKF5250 Datasheet HTML 1Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 2Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 3Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 4Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 5Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 6Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 7Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 8Page - ELAN Microelectronics Corp EKF5250 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
eKF5250
USB full speed NAND flash controller
Preliminary
This specification may change without further notice.
02, 12, 2003
1
SPECIFICATION
1. General Description
The eKF5250 provides a high-performance interface to bridge USB and NAND Flash
compliance device which can be used to implement of flash memory storage device with USB
interface. It contains a 8-bit RISC processor to greatly reduce firmware development work.
The eKF5250 has a phase Lock Loop(PLL) embedded. The PLL provided all clocks needed
in this Controller. It needs an externally provided clock operating in 2 Mhz.
The eKF5250 can control up to 4 pieces of NAND Flash memory. The flash capacity can be
16M bytes up to 256M bytes. And these chips can be any combination. It has been optimized to
support Toshiba and Samsung flash memory designs. The controller has write-protected ability
to prevent writing data to flash. For read/write operation, the controller can achieve 1000KB
/800KB throughput.
This controller can operate in Win XP, Win2000, Windows ME without any driver
installation.
2. Features
• USB Specification v1.1 Compliant
• USB Mass Storage Class v1.0 Compliant
• Support 12 Mbits/s Full Speed Serial Data Transmission
• Support USB Mass Storage Class Bulk-Only Spec.
• USB bus-powered capability
• Build in PLL used to generate clock for USB. And MCU.
• Total 3 Endpoints. Endpoint 0 is the default control endpoint. Endpoint 1 is the
Bulk-in endpoint. Endpoint 2 is the Bulk-out endpoint.
• 4K x 13 on chip ROM(Program).
• Support wear leveling
• Support write-protected ability.
• Higher reliability : ECC on the fly
• Support ping-pong buffer(Two 536x8 bits) for data transfer to/from NAND Flash
• Support 4 pieces of NAND Flash.memory
• 8 Level stack for subroutine nesting.
• 1 LED sink pin with internal serial resistor.
• One 8 bits general purpose timer.
• Watchdog Timer with its own on-chip RC oscillator


同様の部品番号 - EKF5250

メーカー部品番号データシート部品情報
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
USB2.0 Flash Controller
More results

同様の説明 - EKF5250

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
USB Controller for NAND Flash
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
logo
Megawin Technology Co.,...
MG84FL54B MEGAWIN-MG84FL54B Datasheet
890Kb / 94P
Full-Speed USB micro-controller
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_11 Datasheet
447Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
EZ-USB NX2LP??USB 2.0 NAND Flash Controller
logo
Feeling Technology Corp...
FM8PU83 FEELING-FM8PU83 Datasheet
225Kb / 32P
Full-Speed USB Controller
FM8PU83M FEELING-FM8PU83M Datasheet
1Mb / 37P
Full-Speed USB Controller
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com