データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC0LU2 データシート(PDF) 2 Page - Balluff Korea Ltd.

部品番号 BCC0LU2
部品情報  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LU2 データシート(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LU2 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LU2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC A315-A315-30-335-PX35A0-700
Order Code: BCC0LU2
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 280098
ETIM 6.0: EC001855
BCC0LU2_0.5_2022-07-15
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 21223
Halogen-free acc. to IEC 60754-1
Silicone-free
UV resistant
Oil-resistant
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
I
PIN 1: black
PIN 2: blue
PIN 3: green/yellow
PIN 4: brown
PIN 5: white
II
PIN 1: black
PIN 2: blue
PIN 3: green/yellow
PIN 4: brown
PIN 5: white
Wiring Diagrams



Html Pages

1 2