| データシートサーチシステム |
|
FSFLK-DS データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
FSFLK-DS データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 37 page ![]() Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015 Freescale Semiconductor, Inc. Figure 12. Distorted (left) and Corrected (right) Magnetic Field Data (simulated) Both hard- and soft-iron interferences are a function of the sensor environment, and not the sensor itself. Each product design will inevitably result in different distortions. Engineers assigned the task of physically designing PCBs and housings should pay careful attention to sources of magnetic interference early in the design phase. Inductive charging films found in some portable devices exhibit a significant amount of magnetic hysteresis. This is a nonlinear phenomena and cannot be fully corrected by the Freescale magnetic calibration library. 4.7.2 The Magnetic Buffer Freescale’s magnetic calibration library performs a total least squares fit of a number of data points to map the measured ellipsoid of measurements back into the ideal sphere. Quality of that fit improves as number and spacing of samples across the ellipsoid surface increases. There is a tradeoff in terms of data set size used for calibration versus CPU resources versus quality of fit. Figure 13 shows improvement in standard deviation of computed results (for a uniform field) versus constellation size. |