| データシートサーチシステム |
|
LSF0102GS データシート(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0102GS データシート(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 15 page ![]() Nexperia LSF0102 2-bit bidirectional multi-voltage level translator; open-drain; push-pull 14. Abbreviations Table 10. Abbreviations Acronym Description CDM Charged Device Model ESD ElectroStatic Discharge HBM Human Body Model TTL Transistor-Transistor Logic 15. Revision history Table 11. Revision history Document ID Release date Data sheet status Change notice Supersedes LSF0102 v.3 20200904 Product data sheet - LSF0102 v.2 Modifications: • Type number LSF0102DC (SOT765-1/VSSOP8) added. LSF0102 v.2 20200818 Product data sheet - LSF0102 v.1 Modifications: • LSF0102GS (SOT1203/XSON8) and LSF0102GX (SOT1233-2/X2SON8) are in production. Removed note from ordering information . • Type number LSF0102DC (SOT765-1/VSSOP8) is in development and removed from this product data sheet. A preliminary data sheet is available upon request. LSF0102 v.1 20200414 Product data sheet - - LSF0102 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2020. All rights reserved Product data sheet Rev. 3 — 4 September 2020 13 / 15 |