| データシートサーチシステム |
|
P25Q64U データシート(PDF) 96 Page - Puya Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
P25Q64U データシート(HTML) 96 Page - Puya Semiconductor Co., Ltd. |
|
96 / 97 page ![]() P25Q64U Datasheet Puya Semiconductor Page 96 of 97 14 Revision History Rev. Date Description Author V1.0 2018-06-20 V1.0 datasheet Cyx V1.1 2018-07-20 P6 add 12-ball WLCSP ball description P91 add CA=12-Ball WLCSP P96 add 12-Ball WLCSP POD Cyx V1.2 2019-03-28 P13 Note4 tPRS ≥ 100us change to 350us,Note5 tERS ≥ 200us change to 350us P61 PP command "For the very best performance, programming should be done in full pages of 256 bytes aligned on 256 byte boundaries with each Page being programmed only once. Using the Page Program (PP) command to load an entire page, within the page boundary, will save overall programming time versus loading less than a page into the program buffer. It is possible to program from one byte up to a page size in each Page programming operation. Please refer to the P25Q serial flash application note for multiple byte program operation within one page." P92 Add Valid Part Number list cyx V1.3 2019-05-06 P97 Add USON 4*4*0.45 Packaging Chart cyx V1.4 2019-06-20 DC Data Update Cyx V1.5 2019-07-29 Cancel WLCSP package. For WLCSP package, please consult PUYA sales for details Cyx V1.6 2020-09-30 Update ACDC parameters Cyx |