| データシートサーチシステム |
|
VL-FS-MDLS16166D-01 データシート(PDF) 4 Page - Varitronix international limited |
|
|
|||||||||||||||||||||||||||||
VL-FS-MDLS16166D-01 データシート(HTML) 4 Page - Varitronix international limited |
|
4 / 12 page ![]() VL-FS-MDLS16166D-01 REV. A (MDLS16166(33)-LV-G-LED01G (DIE FORM IC)) JAN./2002 PAGE 4 OF 12 VARITRONIX LIMITED Specification of LCD Module Type Item No.: MDLS16166D-01 1. General Description • 16 characters(5 x 8 dots)x 1 line STN Positive Yellow Transflective Dot Matrix LCD module. • Viewing Angle: 6 O’clock direction. • Driving duty: 1/16 Duty, 1/5 bias. • ‘NOVATEK’ NT3881DH-01/AI (die form) LCD Controller and Driver or equivalent. • Yellow-green LED01 backlight. • LED light guide. 2. Mechanical Specifications The mechanical detail is shown in Fig. 1 and summarized in Table 1 below. Table 1 Parameter Specifications Unit Outline dimensions 80.0(W) x 36.0(H) x 11.0 MAX.(D) mm Effective viewing area 64.5(W) x 13.8(H) mm Display format 16 characters x 1 line - Character size 3.15(W) x 6.30(H) (5 x 8 dots ) mm Character spacing 0.60(W) mm Character pitch 3.75(W) mm Dot size 0.55(W) x 0.70(H) mm Dot spacing 0.10(W) x 0.10(H) mm Dot pitch 0.65(W) x 0.80(H) mm Weight: Approx. 30 Grams |