データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HRL データシート(PDF) 1 Page - Lorlin Electronics Ltd.

部品番号 HRL
部品情報  HRL LOCK SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LORLIN [Lorlin Electronics Ltd.]
ホームページ  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

HRL データシート(HTML) 1 Page - Lorlin Electronics Ltd.

  HRL Datasheet HTML 1Page - Lorlin Electronics Ltd. HRL Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HRL LOCK SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
1A @24V ac/dc
Life:
>10,000 Cycles
Proof Voltage:
750 Vac (Initial)
Lock Type:
5 Disc
Insulation Resistance:
>999MΩ @ 500Vdc (Initial)
Operating Temperature:
-20°C to +65°C
Contact Resistance:
<20mΩ (Initial)
Lock Housing:
Zinc Alloy Bright Cr Plated
Contact Material:
Brass CZ108, Ag Plated
Moulding Material: Polyamide 6.6 G.F. V0 Rated
Moulding Colour:
Single pole – Grey, Double pole - Green
FEATURES
Front assembly
Single or Double pole
Rear panel depth - <30mm
Max panel thickness 4.5mm
LOCK SWITCH
HRL
Moulded bezel
available for parallel
lock headed version
(SRL02101 see below)
Made In UK
2 keys per switch
Up to 200 differ key
combinations available
Keys are double entry (can be
inserted into lock either way up)
PARALLEL LOCK HEAD 90° INDEXING
SINGLE POLE LOCK SWITCH
SINGLE POLE LOCK SWITCH
TAPERED LOCK HEAD 90° INDEXING
Reinforced module to lock connection for higher vibration or weight applications


同様の部品番号 - HRL

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HRL0103C RENESAS-HRL0103C Datasheet
75Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
HRL0103C RENESAS-HRL0103C Datasheet
85Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
HRL0103C-N RENESAS-HRL0103C-N Datasheet
75Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
HRL0103C-N RENESAS-HRL0103C-N Datasheet
85Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
HRL0103C RENESAS-HRL0103C_08 Datasheet
85Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
More results

同様の説明 - HRL

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
Switch / Push-Lock Option
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
LS120 LORLIN-LS120 Datasheet
246Kb / 1P
LS120 LS121 LOCK SWITCH
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
SKL LORLIN-SKL Datasheet
253Kb / 1P
SKL LOCK SWITCH
SRL LORLIN-SRL Datasheet
744Kb / 2P
SRL LOCK SWITCH
SRL60 LORLIN-SRL60 Datasheet
751Kb / 2P
SRL60 LOCK SWITCH
SRL90 LORLIN-SRL90 Datasheet
697Kb / 2P
SRL90 LOCK SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com