| データシートサーチシステム |
|
PI5V330ASE データシート(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI5V330ASE データシート(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 7 page ![]() 7 PI5V330A Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux PS8695B 03/01/05 Packaging Mechanical: 16-pin QSOP (Q) .189 .197 .053 .069 .004 .010 SEATING PLANE .025 BSC .007 .010 .228 .244 1 16 .150 .157 .016 .050 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS 0.635 4.80 5.00 1.35 1.75 5.79 6.19 0.101 0.254 .008 .012 0.203 0.305 3.81 3.99 0.178 0.254 0.38 0.41 1.27 .008 0.203 .015 x 45 ° REF Detail A Detail A .008 0.20 MIN. Guage Plane .010 0.254 .041 1.04 REF .016 .035 0.41 0.89 0˚-6˚ .008 .013 0.20 0.33 Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ Ordering Information Ordering Code Package Code Package Description PI5V330AS S 16-pin 300-mil wide plastic SOIC PI5V330ASE S Pb-free & Green, 16-pin 300-mil wide plastic SOIC PI5V330AW W 16-pin 150-mil wide plastic SOIC PI5V330AWE W Pb-free & Green, 16-pin 150-mil wide plastic SOIC PI5V330AQ Q 16-pin 150-mil wide plastic QSOP PI5V330AQE Q Pb-free & Green, 16-pin 150-mil wide plastic QSOP |