| データシートサーチシステム |
|
ADA4004-4ACPZ-R7 データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4004-4ACPZ-R7 データシート(HTML) 4 Page - Analog Devices |
|
4 / 12 page ![]() ADA4004-4 Rev. A | Page 4 of 12 V S = ±15 V, VCM = 0 V, TA = +25°C, unless otherwise specified. Table 2. Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS 40 125 μV −40°C ≤ T A ≤ +125°C 270 μV Input Bias Current IB 40 90 nA −40°C ≤ T A ≤ +125°C 165 nA Input Offset Current IOS 60 nA −40°C ≤ T A ≤ +125°C 100 nA Input Voltage Range −12.5 +12.5 V Common-Mode Rejection Ratio CMRR VCM = −12.5 V to +12.5 V 110 113 dB −40°C ≤ T A ≤ +125°C 100 104 dB Open-Loop Gain AVO RL = 2 k Ω, V O = −12.5 V to +12.5 V 500 1200 V/mV −40°C ≤ T A ≤ +125°C 250 500 V/mV Offset Voltage Drift ΔV OS / ΔT −40°C ≤ T A ≤ +125°C 0.7 1 μV OUTPUT CHARACTERISTICS Output Voltage High VOH RL = 2 kΩ to ground 13.4 13.6 V −40°C ≤ T A ≤ +125°C 13.1 13.3 V Output Voltage Low VOL RL = 2 kΩ to ground −13.3 −13.2 V −40°C ≤ T A ≤ +125°C −13.25 −13.18 V Short Circuit Limit ISC 25 mA Output Current IO VOUT = ±13.6 V ±10 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = ±5.0 V to ±15.0 V 110 118 dB −40°C ≤ T A ≤ +125°C 110 dB Supply Current/Amplifier ISY 1.775 mA −40°C ≤ T A ≤ +125°C 2.10 mA DYNAMIC PERFORMANCE Slew Rate SR RL = 2 kΩ to ground 2.7 V/μs Gain Bandwidth Product GBP 12 MHz NOISE PERFORMANCE Voltage Noise en p-p 0.1 Hz to 10 Hz 0.15 μV p-p Voltage Noise Density en f = 1 kHz 1.8 nV/ √Hz Current Noise Density in f = 10 Hz 3.5 pA/ √Hz Current Noise Density in f = 200 Hz 1.2 pA/ √Hz |