| データシートサーチシステム |
|
SDK135/D データシート(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SDK135/D データシート(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 52 page ![]() Type 1 Telephony Features Library MOTOROLA Linking Applications with the Type 1 Telephony Features Library 5-3 pramdata.c (.bss) F_Pbss_length = . - _P_BSS_ADDR; } > .pExtRAM #**************************************************************************** .CID1LibrayCode : { # Place cid1 code into Program Internal RAM * (cid1.text) } > .pIntRAM **************************************************************************** .ApplicationData : { # Define variables for C initialization code F_Xdata_start_addr_in_ROM = .; F_StackAddr = ADDR(.xStack); F_StackEndAddr = ADDR(.xStack) + SIZEOF(.xStack) - 1; F_Xdata_start_addr_in_RAM = .; # Define variables for SDK mem library # Data (X) Memory Layout _EX_BIT = 0; # Internal Memory Partitions (for mem.h partitions) _NUM_IM_PARTITIONS = 0; # IM_ADDR_1 (no IM_ADDR_2 ) # External Memory Partition (for mem.h partitions) _NUM_EM_PARTITIONS = 1; # EM_ADDR_1 FmemEXbit = .; WRITEH(_EX_BIT); FmemNumIMpartitions = .; WRITEH(_NUM_IM_PARTITIONS); FmemNumEMpartitions = .; WRITEH(_NUM_EM_PARTITIONS); FmemIMpartitionList = .; WRITEH(ADDR(.xIntRAM_DynamicMem)*1); WRITEH(SIZEOF(.xIntRAM_DynamicMem)*1); FmemEMpartitionList = .; WRITEH(ADDR(.xExtRAM_DynamicMem)*1); WRITEH(SIZEOF(.xExtRAM_DynamicMem)*1); Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005 |