データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLW77 データシート(PDF) 13 Page - NXP Semiconductors

部品番号 BLW77
部品情報  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 データシート(HTML) 13 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors BLW77 Datasheet HTML 11Page - NXP Semiconductors BLW77 Datasheet HTML 12Page - NXP Semiconductors BLW77 Datasheet HTML 13Page - NXP Semiconductors BLW77 Datasheet HTML 14Page - NXP Semiconductors BLW77 Datasheet HTML 15Page - NXP Semiconductors BLW77 Datasheet HTML 16Page - NXP Semiconductors BLW77 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
August 1986
13
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
The circuit and the components are situated on one side of the epoxy fibre-glass board, the other side being fully
metallized to serve as earth. Earth connections are made by means of hollow rivets, whilst under the emitter leads Cu
straps are used for a direct contact between upper and lower sheets.
Fig.17 Component layout and printed-circuit board for 87,5 MHz test circuit.
handbook, full pagewidth
MGP536
65
116
C1
C2
C3
C4
R1
C6
C5
C8
C9
C10
+VCC
R2
C7b
C7a
L4
L1
L6
L8
L7
L3
rivet
strip
L2
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17