データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLW81 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BLW81
部品情報  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW81 データシート(HTML) 3 Page - NXP Semiconductors

  BLW81 Datasheet HTML 1Page - NXP Semiconductors BLW81 Datasheet HTML 2Page - NXP Semiconductors BLW81 Datasheet HTML 3Page - NXP Semiconductors BLW81 Datasheet HTML 4Page - NXP Semiconductors BLW81 Datasheet HTML 5Page - NXP Semiconductors BLW81 Datasheet HTML 6Page - NXP Semiconductors BLW81 Datasheet HTML 7Page - NXP Semiconductors BLW81 Datasheet HTML 8Page - NXP Semiconductors BLW81 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
March 1993
3
Philips Semiconductors
Product specification
UHF power transistor
BLW81
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Collector-emitter voltage (VBE =0)
peak value
VCESM
max
36 V
Collector-emitter voltage (open base)
VCEO
max
17 V
Emitter-base voltage (open collector)
VEBO
max
4 V
Collector current (d.c. or average)
IC
max
2,5 A
Collector current (peak value); f
> 1 MHz
ICM
max
7,5 A
R.F. power dissipation (f
> 1 MHz); Tmb =25 °CPtot
max
40 W
Storage temperature
Tstg
−65 to +150 °C
Operating junction temperature
Tj
max
200
°C
Fig.2
110
102
handbook, halfpage
MGP573
10
1
Th = 70 °C
Tmb = 25 °C
VCE (V)
IC
(A)
Fig.3
handbook, halfpage
0
50
100
0
50
MGP574
40
30
10
20
Th (°C)
Prf
(W)
short time operation
during
mismatch
continuous operation
derate by
0.204 W/K
r.f. power dissipation
VCE ≤ 16.5 V
f
> 1 MHz
THERMAL RESISTANCE
From junction to mounting base
Rth j-mb
=
4,3 K/W
From mounting base to heatsink
Rth mb-h
=
0,6 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com