| データシートサーチシステム |
|
PBYR235CT データシート(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PBYR235CT データシート(HTML) 1 Page - NXP Semiconductors |
|
1 / 5 page ![]() Philips Semiconductors Product specification Rectifier diodes PBYR245CT series Schottky barrier FEATURES SYMBOL QUICK REFERENCE DATA • Low forward volt drop • Fast switching V R = 40 V/ 45 V • Reverse surge capability • High thermal cycling performance I O(AV) = 2 A • low profile surface mounting package V F ≤ 0.45V GENERAL DESCRIPTION PINNING SOT223 Dual, common cathode schottky PIN DESCRIPTION rectifier diodes in a plastic envelope. Intended for use as 1 anode 1 output rectifiers in low voltage, high frequency switched mode power 2 cathode supplies. 3 anode 2 The PBYR245CT series is supplied in the surface mounting SOT223 tab cathode package. LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT PBYR2 40CT 45CT V RRM Peak repetitive reverse - 40 45 V voltage V RWM Working peak reverse - 40 45 V voltage V R Continuous reverse voltage T sp ≤ 74 ˚C - 40 45 V I O(AV) Average rectified output square wave; δ = 0.5; T sp ≤ 119 ˚C - 2 A current (both diodes conducting) I FRM Repetitive peak forward square wave; δ = 0.5; T sp ≤ 119 ˚C - 2 A current per diode I FSM Non-repetitive peak forward t = 10 ms - 6 A current per diode t = 8.3 ms - 6.6 A sinusoidal; T j = 125 ˚C prior to surge; with reapplied V RRM(max) I RRM Peak repetitive reverse pulse width and repetition rate - 1 A surge current per diode limited by T j max T j Operating junction - 150 ˚C temperature T stg Storage temperature - 40 150 ˚C THERMAL RESISTANCES SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT R th j-a Thermal resistance junction pcb mounted, minimum footprint - 156 - K/W to ambient pcb mounted, pad area as in fig:1 - 70 - K/W k a1 a2 13 2 4 1 23 July 1998 1 Rev 1.400 |
同様の部品番号 - PBYR235CT |
|
同様の説明 - PBYR235CT |