データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE7752B データシート(PDF) 8 Page - Analog Devices

部品番号 ADE7752B
部品情報  Polyphase Energy Metering IC with Pulsed Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE7752B データシート(HTML) 8 Page - Analog Devices

Back Button ADE7752B Datasheet HTML 4Page - Analog Devices ADE7752B Datasheet HTML 5Page - Analog Devices ADE7752B Datasheet HTML 6Page - Analog Devices ADE7752B Datasheet HTML 7Page - Analog Devices ADE7752B Datasheet HTML 8Page - Analog Devices ADE7752B Datasheet HTML 9Page - Analog Devices ADE7752B Datasheet HTML 10Page - Analog Devices ADE7752B Datasheet HTML 11Page - Analog Devices ADE7752B Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADE7752B
Preliminary Technical Data
Rev. PrA | Page 8 of 27
Pin No.
Mnemonic
Description
20
CLKOUT
A crystal can be connected across this pin and CLKIN as described previously to provide a clock source
for the ADE7752B. The CLKOUT pin can drive one CMOS load when an external clock is supplied at
CLKIN or when a crystal is being used.
21, 22
S0, S1
These logic inputs are used to select one of four possible frequencies for the digital-to-frequency
conversion for design flexibility.
23, 24
F2, F1
Low Frequency Logic Outputs. F1 and F2 supply average active power information. The logic outputs
can be used to drive electromechanical counters and 2-phase stepper motors directly (see the Transfer
Function section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27