データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE7752BARWZ データシート(PDF) 18 Page - Analog Devices

部品番号 ADE7752BARWZ
部品情報  Polyphase Energy Metering IC with Pulsed Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE7752BARWZ データシート(HTML) 18 Page - Analog Devices

Back Button ADE7752BARWZ Datasheet HTML 14Page - Analog Devices ADE7752BARWZ Datasheet HTML 15Page - Analog Devices ADE7752BARWZ Datasheet HTML 16Page - Analog Devices ADE7752BARWZ Datasheet HTML 17Page - Analog Devices ADE7752BARWZ Datasheet HTML 18Page - Analog Devices ADE7752BARWZ Datasheet HTML 19Page - Analog Devices ADE7752BARWZ Datasheet HTML 20Page - Analog Devices ADE7752BARWZ Datasheet HTML 21Page - Analog Devices ADE7752BARWZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ADE7752B
Preliminary Technical Data
Rev. PrA | Page 18 of 27
POWER SUPPLY MONITOR
The ADE7752B contains an on-chip power supply monitor. The
power supply (VDD) is monitored continuously by the ADE7752B.
At power up, when the supply is less than 4V ±2% and VREF is less
than 1.9 V (typ), the outputs of the ADE7752B are inactive and
the data path is held in reset. Once VDD is greater than 4V ±2%
and VREF is greater than 1.9 V (typ), the chip is active and energy
accumulation begins. At power-down, when VDD falls below 4 V
or VREF falls below 1.9 V (typ), the data path is again held in reset.
This implementation ensures correct device operation at power-
up and at power-down. The power supply monitor has built-in
hysteresis and filtering. This gives a high degree of immunity to
false triggering due to noisy supplies.
The power supply and decoupling for the part should be such
that the ripple at VDD does not exceed ±5% as specified for
normal operation.
VDD
VREF
5V
4V
0V
INTERNAL
RESET
ACTIVE
INACTIVE
2.4V
1.9V
INACTIVE
Figure 23. On-Chip Power Supply Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27