データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5303GDWR28 データシート(PDF) 2 Page - ON Semiconductor

部品番号 CS5303GDWR28
部品情報  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303GDWR28 データシート(HTML) 2 Page - ON Semiconductor

  CS5303GDWR28 Datasheet HTML 1Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 2Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 3Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 4Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 5Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 6Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 7Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 8Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CS5303
http://onsemi.com
2
+
+5.0 V
+12 V
L4
300 nH
D1
BAT54S
+12 V
D2
BAS16LT1
C1
1 μF
C3
1 μF
C2
1 μF
Q1
C1
Q7
Q2
Q3
C2
L2
470 nH
Q4
470 nH
L1
Q5
Q6
Q9
470 nH
L3
C3
Q8
C20 − 24
5 × 820 μF, 16 V
C26 − 39
14 × 1200 μF,
10 V
C40 − 51
12 × 10 μF
C3
C5
R1
R2
2.80 k
1 k
R7
20 k
C9
0.1 μF
.01 μF
.01 μF
C7
R6
20 k
.01 μF
C1
C2
C1
0.1 μF
20 k
R5
C6
R8
R9
20 k
2.8 k
1 μF
C11
1 nF
C4
C12
1 nF
R10
10 k
R3
56.2 k
VOUT
VID4
VID3
VID2
VID1
VID0
6.65 k
ENABLE
COMP
VFB
VDRP
CS1
CS2
CS3
CSREF
VID0
VID2
VID3
VID4
ILIM
REF
VCCH3
Gate(H)3
Gnd3
Gate(L)3
Gate(L)2
VCCL23
Gate(H)2
GndL2
VCCH12
Gate(H)1
Gnd1
Gate(L)1
VCCLL2
ROSC
VID1
Note: Q1 − 9 are Siliconix SUD50N03−10P.
Figure 1. Application Diagram, 12 V to 1.5 V, 60 A Converter
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering: :
Reflow: (SMD styles only) (Note 1)
230 peak,
°C
Storage Temperature Range
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
ABSOLUTE MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Power for logic and Gate(L)1
VCCLL1
16 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power for Gate(L)2 and Gate(L)3
VCCL23
16 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power for Gate(H)1 and Gate(H)2
VCCH12
20 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power Gate(H)3
VCCH3
20 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19