| データシートサーチシステム |
|
CS5332GDWR28 データシート(PDF) 17 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS5332GDWR28 データシート(HTML) 17 Page - ON Semiconductor |
|
17 / 20 page ![]() CS5332 http://onsemi.com 17 RV(DRP) + DVDRP RV(FB) DVOUT Calculate Input Filter Capacitor Current Ripple The procedure below assumes that phases do not overlap and output inductor ripple current (P−P) is less than the average output current of one phase. 9. Calculate Input Current IIN + VOUT IOUT (Efficiency VIN) 10. Calculate Duty Cycle (per phase). Duty Cycle + VOUT (Efficiency VIN) 11. Calculate Apparent Duty Cycle. Apparent Duty Cycle + Duty Cycle #of Phases 12. Calculate Input Filter Capacitor Ripple Current. Use the chart in Figure 17 to calculate the normalized ripple current (KRMS) based on the reciprocal of Apparent Duty Cycle. Then multiply the input current by KRMS to obtain the Input Filter Capacitor Ripple Current. Ripple (RMS) + IIN KRMS 4.00 3.50 3.00 2.50 2.00 1.50 1.00 0.50 0.00 1/ Apparent Duty Cycle 15 10 5 0 Figure 17. Normalized Input Filter Capacitor Ripple Current DESIGN EXAMPLE Choose the component values for a 240 kHz, 12 V to 1.525 V, 41 A converter with lossless current sensing, adaptive positioning and a 50 A current limit. The adaptive positioning is chosen 50 mV below the DAC setting at no load and 50 mV below the no−load position with 41 A out. The peak output voltage transient is 70 mV max during a 41 A step current. Current Sensing, Power Stage and Output Filter Components 1.Assume 1.5 mΩ of output filter ESR. R + (VIN * VOUT) (VOUT VIN) (F C 25 mV) + (12 * 1.55) (1.55 12) (240 k .01mF 25mV) + 22.5 k L RL + .01 mF 22.5 kW + 225 ms Choose RL + 2.0 mW L + 2.0 mW 225 ms + 450 nH 2. 3. n/a PwrstgZ + RL CSA Gain 2.0 + 2.0 mW 3.15 2 + 3.1 mW ConverterZ + PwrstgZ ESR PwrstgZ ) ESR + 3.1 mW 1.5 mW 3.1 mW ) 1.5 mW ^ 1.0 mW DVR + 1.0 mW 41 A + 41 mV 4. 5. n/a Current Limit VI(LIM) + RL IOUT(LIM) CS to ILIM Gain + 2.0 mW 50 A 6.25 + 625 mV 6. Adaptive Positioning RV(FB) + NL Position VFB Bias Current + 50 mV 18 mA + 2.78 kW 7. DVDRP + RL IOUT Current Sense to VDRP Gain + 2.0 mW 41 A 3.1 + 254 mV RV(DRP) + DVDRP RV(FB) DVOUT + 254 mV 2.78 kW 50 mV + 25.4 kW 8. IIN + 1.52 V 41 A (0.85 12VIN) + 6.1 A 9. Duty Cycle + 1.52 V (0.85 12 VIN) + 0.15 10. Apparent Duty Cycle + 0.15 2.0 + 0.3 11. RMS ripple is 6.1 A 1.5 + 9.2 A 12. |