| データシートサーチシステム |
|
89TSF500 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
89TSF500 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 38 page ![]() 21 of 37 April 13, 2005 IDT 89TSF500 Pin Signal I/O Type G26 DNC DNC do not connect G27 DNC DNC do not connect G28 DNC DNC do not connect G29 DNC DNC do not connect G30 DNC DNC do not connect G31 DNC DNC do not connect G32 DNC DNC do not connect G33 DNC DNC do not connect G34 DNC DNC do not connect G35 DNC DNC do not connect G36 VSS P VSS G37 TXN[21] O Serdes diff output G38 VSS P VSS G39 RXN[21] I Serdes diff input H1 VDD_IO P VDD33 H2 DNC DNC do not connect H3 DNC DNC do not connect H4 VSS P VSS H5 DNC DNC do not connect H6 DNC DNC do not connect H7 DNC DNC do not connect H8 DNC DNC do not connect H9 DNC DNC do not connect H10 DNC DNC do not connect H11 DNC DNC do not connect H12 DNC DNC do not connect H13 DNC DNC do not connect H14 DNC DNC do not connect H15 DNC DNC do not connect H16 DNC DNC do not connect H17 DNC DNC do not connect H18 DNC DNC do not connect H19 DNC DNC do not connect H20 DNC DNC do not connect H21 DNC DNC do not connect H22 DNC DNC do not connect H23 DNC DNC do not connect H24 DNC DNC do not connect H25 DNC DNC do not connect H26 DNC DNC do not connect H27 DNC DNC do not connect H28 DNC DNC do not connect H29 DNC DNC do not connect Pin Signal I/O Type H30 DNC DNC do not connect H31 DNC DNC do not connect H32 DNC DNC do not connect H33 DNC DNC do not connect H34 DNC DNC do not connect H35 DNC DNC do not connect H36 VSS P VSS H37 TXP[21] O Serdes diff output H38 VSS P VSS H39 RXP[21] I Serdes diff input J1 DNC DNC do not connect J2 DNC DNC do not connect J3 DNC DNC do not connect J4 DNC DNC do not connect J5 DNC DNC do not connect J6 DNC DNC do not connect J7 DNC DNC do not connect J8 DNC DNC do not connect J9 DNC DNC do not connect J10 DNC DNC do not connect J11 DNC DNC do not connect J12 DNC DNC do not connect J13 DNC DNC do not connect J14 DNC DNC do not connect J15 DNC DNC do not connect J16 DNC DNC do not connect J17 DNC DNC do not connect J18 DNC DNC do not connect J19 DNC DNC do not connect J20 DNC DNC do not connect J21 DNC DNC do not connect J22 DNC DNC do not connect J23 VDD_SD2_PLL P VAA18 J24 VDD_REFCLK2 P VAA33 J25 DNC DNC do not connect J26 DNC DNC do not connect J27 VSS P VSS J28 DNC DNC do not connect J29 DNC DNC do not connect J30 DNC DNC do not connect J31 DNC DNC do not connect J32 DNC DNC do not connect J33 DNC DNC do not connect |