| データシートサーチシステム |
|
ICSSSTUAF32866C データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICSSSTUAF32866C データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 31 page ![]() ICSSSTUAF32866C 25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 COMMERCIAL TEMPERATURE GRADE 25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 21 ICSSSTUAF32866C 7100/12 Register Timing Timing Diagram for the First SSTUAF32866C (1:2 Register-A Configuration) Device Used in a Pair; C0 = 0, C1 = 1, RESET Held HIGH NOTE: 1.If the data is clocked in on the n clock pulse, the QERR output signal will be generated on the n+1 clock pulse, and it will be valid on the n+2 clock pulse. If an error occurs and the QERR output is driven low, it stays latched low for a minimum of two clock cycles or until RESET is driven low. |