| データシートサーチシステム |
|
ICSSSTUAF32869A データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICSSSTUAF32869A データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 21 page ![]() ICSSSTUAF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 COMMERCIAL TEMPERATURE GRADE 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 4 ICSSSTUAF32869A 7095/14 Pin Configuration 150-Ball BGA TOP VIEW NOTE: 1.NC denotes a no-connect (ball present but not connected to the die). NB indicates no ball is populated at that gridpoint. A B C D E F VDD GND VREF VDD VDD GND NB QCKEA Q2A VDD NB NB VDD GND GND NB VDD GND VDD Q3A GND GND QODTA VDD D3 NC NB VDD VDD NB DCKE NB D2 NB QCKEB DODT 1 2 3 45 67 89 10 11 G H J K L M VDD D6 CSR D5 Q5A QCSA VDD NB NC D10 NB NB Q6A Q8A Q9A VDD DCS NB VDD VDD NC GND GND D8 NB N P R T V W VDD NB D9 Q10A Q12A VDD MCL (1) GND VREF VDD Q11A VDD PTYERR NB VDD GND GND PARIN C1 D11 NB GND GND GND Q13A VDD NB NC GND NB GND NB GND NB GND NB VDD U Q14A VDD NB GND NB GND GND GND NB GND NB GND GND NB GND NB GND NB D13 NC NB NB NB NB NB NC NB CLK NB RESET NB CLK NC NB NB NC NB NB D14 NC NB NB NC NC NB NB NB NB NB NC NB NB D12 NB GND GND PPO GND GND NB GND GND VDD NB NB GND GND GND GND NB NB VDD VDD NB VDD VDD VDD VDD VDD VDD NB VDD VDD NB VDD VDD C1 VDD Q2B Q3B QODTB Q5B Q6B QCSB VDD Q8B Q9B Q10B Q11B Q12B Q13B Q14B VDD NB GND MCL (1) MCL (1) NC NC NC MCL (1) |