| データシートサーチシステム |
|
R2A20104SP データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R2A20104SP データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 12 page ![]() R2A20104/114 Series R03DS0008EJ0301 Rev.3.01 Page 2 of 11 Jan 08, 2016 The Function List of R2A20104/114 Series Item R2A20104SP R2A20104FP R2A20114SP R2A20114FP PFC control Continuous conduction mode interleaving Current detection method Current transformer Shunt resistor Package SOP-20 LQFP-40 SOP-20 LQFP-40 Protection circuits Brownout detection Supported Supported Supported Supported 2nd OVP Not supported Supported Not supported Supported Phase error Not supported Supported Not supported Supported Noise reduction Jitter generation (Frequency modulation) Supported (But, frequency modulation period (dfm)(*1) is fixed) Supported Supported (But, frequency modulation period (dfm)(*1) is fixed) Supported Synchronization with external signal Input Supported Supported Supported Supported Output Not supported Supported Not supported Supported Efficiency improvement Phase drop Not supported Supported Not supported Supported Note: *1 Refer to the figure depicted below: Switching frequency time dfm fout ffm = 1/T Ordering Information Part No. Package Name Package Code Package Abbreviation Taping Abbreviation (Quantity) Remarks R2A20104FPW0 FP-40EV PLQP0040JB-C FP W (2000 pcs/reel) non-HF R2A20104FPW5 HF R2A20114FPW0 non-HF R2A20114FPW5 HF R2A20104SPW0 FP-20DAV PRSP0020DD-B SP W (2000 pcs/reel) non-HF R2A20104SPW5 HF R2A20114SPW0 non-HF R2A20114SPW5 HF Note: HF: Halogen-Free |