| データシートサーチシステム |
|
SLG47502V データシート(PDF) 75 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SLG47502V データシート(HTML) 75 Page - Renesas Technology Corp |
|
75 / 192 page ![]() Datasheet 28-Feb-2023 CFR0011-120-00 Revision 2.3 75 of 194 © 2023 Renesas Electronics Corporation SLG47512/13 Low Voltage GreenPAK Programmable Mixed-Signal Matrix Preliminary 8.2.2 4-Bit LUT or 16-Bit Counter/Delay Macrocells Used as 4-Bit LUTs This macrocell, when programmed for a LUT function, uses a 16-bit register to define their output function: 4-Bit LUT1 is defined by registers [887:872] Table 33: 4-bit LUT Standard Digital Functions Function MSB LSB AND-4 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 NAND-4 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 OR-4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 NOR-4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 XOR-4 0 1 1 0 1 0 0 1 1 1 0 0 1 1 1 0 XNOR-4 1 0 0 1 0 1 1 0 0 0 1 1 0 0 0 1 Table 32: 4-bit LUT1 Truth Table IN3 IN2 IN1 IN0 OUT 0 0 0 0 register [872] LSB 0 0 0 1 register [873] 0 0 1 0 register [874] 0 0 1 1 register [875] 0 1 0 0 register [876] 0 1 0 1 register [877] 0 1 1 0 register [878] 0 1 1 1 register [879] 1 0 0 0 register [880] 1 0 0 1 register [881] 1 0 1 0 register [882] 1 0 1 1 register [883] 1 1 0 0 register [884] 1 1 0 1 register [885] 1 1 1 0 register [886] 1 1 1 1 register [887] MSB |