| データシートサーチシステム |
|
TSI721 データシート(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
TSI721 データシート(HTML) 56 Page - Renesas Technology Corp |
|
56 / 67 page ![]() Tsi721 Datasheet 56 April 4, 2016 Integrated Device Technology 3.7.4.3.6 Level II Receiver Eye Diagram For a Level II link the receiver mask it is defined as displayed in the following figure. Specific parameter values for both masks are called out in the following table. Figure 11: Level II Receiver Input Compliance Mask Table 31 defines the parameters for receivers that have an open eye at the far-end. The termination conditions used to measure the received eye are defined in the above Level II Receiver Specification tables. Table 31: Level II Far-End (Rx) Template Intervals Characteristic Symbol Far-End Value Units Eye mask R_X1 0.30 UI Eye mask R_Y1 62.5 mV Eye mask R_Y2 375 mV Uncorrelated bounded high probability jitter R_UBHPJ 0.15 UIpp Correlated bounded high probability jitter R_CBHPJ 0.30 UIpp Total jitter (Does not include sinusoidal jitter) R_TJ 0.60 UIpp |