データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCSP-411AW データシート(PDF) 1 Page - LETEX TECHNOLOGY CORP.

部品番号 LCSP-411AW
部品情報  Magnetic Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LETEX [LETEX TECHNOLOGY CORP.]
ホームページ  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LCSP-411AW データシート(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LCSP-411AW Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LCSP-411AW Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Letex Technology Corp.
1
Magnetic Contact
Part No. LCSP-411
Description
Magnetic contact is a proximity switch what is used magnetic field of magnet to actuate Reed Switch.
Because of design in Reed Switch, low cost and simple using-way is major characteristics of magnetic
contact.
Application
•Security equipment
•domestic appliances
•automation machines
Feature
•Added security of recessed installation
•3/8” Diameter – press fit
•Available in closed loop, open loop and SPDT
•Longer leads, zip cord or Jacketed cable upon request
•Build-in voltage dependent resistor(VDR)
Outline dimensions
Dimension
in
mm


同様の部品番号 - LCSP-411AW

メーカー部品番号データシート部品情報
logo
C&K Components
LCSP00SA20AC CK-COMPONENTS-LCSP00SA20AC Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
logo
Infinite Electronics In...
LCSP1001 L-COM-LCSP1001 Datasheet
356Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect
2/28/18
LCSP1002 L-COM-LCSP1002 Datasheet
341Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect with Bracket
2/28/18
LCSP1003 L-COM-LCSP1003 Datasheet
356Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect Low PIM -155 dBc
2/28/18
LCSP1005 L-COM-LCSP1005 Datasheet
348Kb / 3P
7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Pass 1000W IP67 20kA Filter Low PIM -155 dBc
2/28/18
More results

同様の説明 - LCSP-411AW

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
Magnetic Contact
logo
LETEX TECHNOLOGY CORP.
LC-11 LETEX-LC-11 Datasheet
23Kb / 2P
Magnetic Contact
LC-13BW LETEX-LC-13BW Datasheet
39Kb / 2P
Magnetic Contact
LC-15AW LETEX-LC-15AW Datasheet
34Kb / 2P
Magnetic Contact
LC-23 LETEX-LC-23 Datasheet
36Kb / 2P
Magnetic Contact
LC-31TC LETEX-LC-31TC Datasheet
73Kb / 2P
Magnetic Contact
LC-69 LETEX-LC-69 Datasheet
37Kb / 2P
Magnetic Contact
LC-89 LETEX-LC-89 Datasheet
306Kb / 4P
Magnetic Contact
LC-101 LETEX-LC-101 Datasheet
36Kb / 2P
Magnetic Contact
LCP-15BW-260-24 LETEX-LCP-15BW-260-24 Datasheet
70Kb / 2P
Magnetic Contact
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com