| データシートサーチシステム |
|
74LVC161 データシート(PDF) 11 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC161 データシート(HTML) 11 Page - Nexperia B.V. All rights reserved |
|
11 / 19 page ![]() Nexperia 74LVC161 Presettable synchronous 4-bit binary counter; asynchronous reset mna912 tPHL tPLH VM VM TC output CET input GND VI VOH VOL Measurement points are given in Table 8. VOL and VOH are typical output voltage levels that occur with the output load. Fig. 10. Input (CET) to output (TC) propagation delays mna913 MR input CP input Qn, TC output tPHL tW trec VM VOH VI VI GND GND VOL VM VM Measurement points are given in Table 8. VOL and VOH are typical output voltage levels that occur with the output load. Fig. 11. Master reset (MR) pulse width, the master reset to output (Qn, TC) propagation delays, and the master reset to clock (CP) removal times mna914 GND GND GND th th tsu tsu tsu th th tsu VM VM VM VI VI CP input PE input Dn input VI Measurement points are given in Table 8. The shaded areas indicate when the input is permitted to change for predictable output performance. Fig. 12. Set-up and hold times for the input (Dn) and parallel enable input (PE) 74LVC161 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 7 — 22 September 2021 11 / 19 |