| データシートサーチシステム |
|
74LVC595A データシート(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC595A データシート(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 18 page ![]() Nexperia 74LVC595A 8-bit serial-in/serial-out or parallel-out shift register; 3-state mna558 STCP input Qn output tPLH tPHL tW tsu 1/fmax VM VOH VI GND VOL VM SHCP input VI GND VM Measurement points are given in Table 8. VOL and VOH are typical output voltage drops that occur with the output load. Fig. 8. The storage clock (STCP) to parallel data output (Qn) propagation delays, the storage clock pulse width and the shift clock to storage clock set-up time mna560 GND GND th tsu th tsu VM VM VM VI VOH VOL VI Q7S output SHCP input DS input Measurement points are given in Table 8. The shaded areas indicate when the input is permitted to change for predictable output performance. VOL and VOH are typical output voltage drops that occur with the output load. Fig. 9. The data set-up and hold times for the serial data input (DS) 001aaf571 MR input STCP input Qn outputs tsu VM VI VI GND GND VOH VOL VM VM Measurement points are given in Table 8. VOL and VOH are typical output voltage drops that occur with the output load. Fig. 10. The master reset (MR) to storage clock (STCP) set-up times 74LVC595A All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 3 — 19 November 2021 10 / 18 |