データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R256 データシート(PDF) 2 Page - Lin Eng. Inc.

部品番号 R256
部品情報  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINENGINEERING [Lin Eng. Inc.]
ホームページ  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R256 データシート(HTML) 2 Page - Lin Eng. Inc.

  R256 Datasheet HTML 1Page - Lin Eng. Inc. R256 Datasheet HTML 2Page - Lin Eng. Inc. R256 Datasheet HTML 3Page - Lin Eng. Inc. R256 Datasheet HTML 4Page - Lin Eng. Inc. R256 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
 
• The R256 is a fullM intelligent controller and driver in one. Commands can be issued from anM serial terminal program,
such as GMperTerminal, or from the  indows Application Programx
• Commands are simple and intuitive. For eLample, A1000 will move a stepper motor to Absolute Position 1000. This
communication is compatible with devices that use the Cavro DT or OEW protocol.x
• The R256 controller is also capable of stand alone operating with no PC. It can eLecute a pre-programmed string
of commands upon Power up. Commands include nested loops, wait statements, halt commands, software selectable
currents, speeds, acceleration, microstepping, and more.
The Designer’s Kit (sold separately) enables qrst time users to become well ac/uainted with the options of R256 ControllerS
Driver.
 
RI485 Designer’s Kit (Lin part number: RI232K+T) +ncludes:
 
• RS485 to RS232 Converter Card
• An Optical Sensor
• Red Switch Push Button
• 3-Pin Cable



Html Pages

1 2 3 4 5