| データシートサーチシステム |
|
NB2308AI3DR2G データシート(PDF) 10 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NB2308AI3DR2G データシート(HTML) 10 Page - ON Semiconductor |
|
10 / 12 page ![]() NB2308A http://onsemi.com 10 ORDERING INFORMATION Device Availability Shipping† Package Operating Range Marking NB2308AC3DG 2308AC3G Commercial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AC3DR2G 2308AC3G Commercial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI3DG 2308AI3G Industrial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AI3DR2G 2308AI3G Industrial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC3DTG 2308AC3 Commercial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AC3DTR2G 2308AC3 Commercial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI3DTG 2308AI3 Industrial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AI3DTR2G 2308AI3 Industrial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC4DG 2308AC4G Commercial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AC4DR2G 2308AC4G Commercial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI4DG 2308AI4G Industrial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AI4DR2G 2308AI4G Industrial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC4DTG 2308AC4 Commercial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AC4DTR2G 2308AC4 Commercial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI4DTG 2308AI4 Industrial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AI4DTR2G 2308AI4 Industrial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC5HDG 2308AC5HG Commercial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AC5HDR2G 2308AC5HG Commercial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI5HDG 2308AI5HG Industrial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AI5HDR2G 2308AI5HG Industrial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC5HDTG 2308AC5H Commercial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AC5HDTR2G 2308AC5H Commercial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI5HDTG 2308AI5H Industrial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AI5HDTR2G 2308AI5H Industrial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi- cations Brochure, BRD8011/D. |