| データシートサーチシステム |
|
NB2780ASNR2G データシート(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NB2780ASNR2G データシート(HTML) 3 Page - ON Semiconductor |
|
3 / 8 page ![]() NB2780A http://onsemi.com 3 Figure 3. Modulation Profile Table 3. MAXIMUM RATINGS Symbol Description Rating Unit VDD, VIN Voltage on any pin with respect to Ground 0.5 to + 7.0 V TSTG Storage Temperature −65 to +125 °C TA Operating Temperature 0 to 70 °C Ts Max. Soldering Temperature (10 sec) 260 °C TJ Junction Temperature 150 °C TDV Static Discharge Voltage (As per MIL−STD−883, Method 3015) 2 kV Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |