| データシートサーチシステム |
|
MC68340 データシート(PDF) 164 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 データシート(HTML) 164 Page - Freescale Semiconductor, Inc |
|
164 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 5- 27 To specify conditions for change in program control, condition codes must be substituted for the letters "cc" in conditional program control opcodes. Condition test mnemonics are given below. Refer to 5.3.3.10 Condition Tests for detailed information on condition codes. CC — Carry clear LS — Low or same CS — Carry set LT — Less than EQ — Equal MI — Minus F — False* NE — Not equal GE — Greater or equal PL — Plus GT — Greater than T — True HI — High VC — Overflow clear LE — Less or equal VS — Overflow set * Not applicable to the Bcc instruction 5.3.3.9 SYSTEM CONTROL INSTRUCTIONS. Privileged instructions, trapping instructions, and instructions that use or modify the CCR provide system control operations. All of these instructions cause the processor to flush the instruction pipeline. Table 5-11 summarizes the instructions. The preceding list of condition tests also applies to the TRAPcc instruction. Refer to 5.3.3.10 Condition Tests for detailed information on condition codes. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |