| データシートサーチシステム |
|
ADP2106ACPZ-1.5-R7 データシート(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP2106ACPZ-1.5-R7 データシート(HTML) 31 Page - Analog Devices |
|
31 / 32 page ![]() ADP2105/ADP2106/ADP2107 Rev. 0 | Page 31 of 32 OUTLINE DIMENSIONS COMPLIANT TO JEDEC STANDARDS MO-220-VGGC 2.25 2.10 SQ 1.95 16 5 13 8 9 12 1 4 1.95 BSC PIN 1 INDICATOR TOP VIEW 4.00 BSC SQ 3.75 BSC SQ COPLANARITY 0.08 EXPOSED PAD (BOTTOM VIEW) 12° MAX 1.00 0.85 0.80 SEATING PLANE 0.35 0.30 0.25 0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM 0.20 REF 0.65 BSC 0.60 MAX 0.60 MAX PIN 1 INDICATOR 0.25 MIN 0.75 0.60 0.50 Figure 59. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 4 mm × 4 mm Body, Very Thin Quad (CP-16-4) Dimensions shown in millimeters ORDERING GUIDE Model Output Current Junction Temperature Range Output Voltage Package Description Package Option ADP2105ACPZ-1.2-R71 1 A −40°C to +125°C 1.2 V 16-Lead LFCSP_VQ CP-16-4 ADP2105ACPZ-1.5-R71 1 A −40°C to +125°C 1.5 V 16-Lead LFCSP_VQ CP-16-4 ADP2105ACPZ-1.8-R71 1 A −40°C to +125°C 1.8 V 16-Lead LFCSP_VQ CP-16-4 ADP2105ACPZ-3.3-R71 1 A −40°C to +125°C 3.3 V 16-Lead LFCSP_VQ CP-16-4 ADP2105ACPZ-R71 1 A −40°C to +125°C ADJ 16-Lead LFCSP_VQ CP-16-4 ADP2106ACPZ-1.2-R71 1.5 A −40°C to +125°C 1.2 V 16-Lead LFCSP_VQ CP-16-4 ADP2106ACPZ-1.5-R71 1.5 A −40°C to +125°C 1.5 V 16-Lead LFCSP_VQ CP-16-4 ADP2106ACPZ-1.8-R71 1.5 A −40°C to +125°C 1.8 V 16-Lead LFCSP_VQ CP-16-4 ADP2106ACPZ-3.3-R71 1.5 A −40°C to +125°C 3.3 V 16-Lead LFCSP_VQ CP-16-4 ADP2106ACPZ-R71 1.5 A −40°C to +125°C ADJ 16-Lead LFCSP_VQ CP-16-4 ADP2107ACPZ-1.2-R71 2 A −40°C to +125°C 1.2 V 16-Lead LFCSP_VQ CP-16-4 ADP2107ACPZ-1.5-R71 2 A −40°C to +125°C 1.5 V 16-Lead LFCSP_VQ CP-16-4 ADP2107ACPZ-1.8-R71 2 A −40°C to +125°C 1.8 V 16-Lead LFCSP_VQ CP-16-4 ADP2107ACPZ-3.3-R71 2 A −40°C to +125°C 3.3 V 16-Lead LFCSP_VQ CP-16-4 ADP2107ACPZ-R71 2 A −40°C to +125°C ADJ 16-Lead LFCSP_VQ CP-16-4 ADP2105-1.8-EVAL 1.8 V Evaluation Board ADP2105-EVAL Adjustable, but set to 2.5 V Evaluation Board ADP2106-1.8-EVAL 1.8 V Evaluation Board ADP2106-EVAL Adjustable, but set to 2.5 V Evaluation Board ADP2107-1.8-EVAL 1.8 V Evaluation Board ADP2107-EVAL Adjustable, but set to 2.5 V Evaluation Board 1 Z = Pb-free part. |