データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2T45DC データシート(PDF) 25 Page - Nexperia B.V. All rights reserved

部品番号 74LVC2T45DC
部品情報  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45DC データシート(HTML) 25 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45DC Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 26Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 27Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 28Page - Nexperia B.V. All rights reserved 74LVC2T45DC Datasheet HTML 29Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
13.4. Enable times
Calculate the enable times for the 74LVC2T45; 74LVCH2T45 using the following formulas:
• tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
• tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
• tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
• tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
In a bidirectional application, these enable times provide the maximum delay from the time the DIR
bit is switched until an output is expected. For example, if the 74LVC2T45; 74LVCH2T45 initially
is transmitting from A to B, then the DIR bit is switched, the B port of the device must be disabled
before presenting it with an input. After the B port has been disabled, an input signal applied to it
appears on the corresponding A port after the specified propagation delay.
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
25 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33