| データシートサーチシステム |
|
ADP2107ACPZ-1.2-R7 データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP2107ACPZ-1.2-R7 データシート(HTML) 1 Page - Analog Devices |
|
1 / 32 page ![]() 1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters ADP2105/ADP2106/ADP2107 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006 Analog Devices, Inc. All rights reserved. FEATURES Extremely high 97% efficiency Ultralow quiescent current: 20 μA 1.2 MHz switching frequency 0.1 μA shutdown supply current Maximum load current: ADP2105: 1 A ADP2106: 1.5 A ADP2107: 2 A Input voltage: 2.7 V to 5.5 V Output voltage: 0.8 V to VIN Maximum duty cycle: 100% Smoothly transitions into low dropout (LDO) mode Internal synchronous rectifier Small 16-lead 4 mm × 4 mm LFCSP_VQ package Optimized for small ceramic output capacitors Enable/Shutdown logic input Undervoltage lockout Soft start APPLICATIONS Mobile handsets PDAs and palmtop computers Telecommunication/Networking equipment Set top boxes Audio/Video consumer electronics GENERAL DESCRIPTION The ADP2105/ADP2106/ADP2107 are low quiescent current, synchronous, step-down dc-to-dc converters in a compact 4 mm × 4 mm LFCSP_VQ package. At medium-to-high load currents, these devices use a current-mode, constant-frequency pulse width modulation (PWM) control scheme for excellent stability and transient response. To ensure the longest battery life in portable applications, the ADP2105/ADP2106/ADP2107 use a pulse frequency modulation (PFM) control scheme under light load conditions that reduces switching frequency to save power. The ADP2105/ADP2106/ADP2107 run from input voltages of 2.7 V to 5.5 V, allowing single Li+/Li− polymer cell, multiple alkaline/NiMH cells, PCMCIA, and other standard power sources. The output voltage of ADP2105/ADP2106/ADP2107-ADJ is adjustable from 0.8 V to the input voltage, while the ADP2105/ ADP2106/ADP2107-xx are available in preset output voltage options of 3.3 V, 1.8 V, 1.5 V, and 1.2 V. Each of these variations is available in three maximum current levels, 1 A (ADP2105), 1.5 A (ADP2106), and 2 A (ADP2107). The power switch and synchro- nous rectifier are integrated for minimal external part count and high efficiency. During logic-controlled shutdown, the input is disconnected from the output, and it draws less than 0.1 μA from the input source. Other key features include undervoltage lockout to prevent deep-battery discharge and programmable soft start to limit inrush current at startup. TYPICAL PERFORMANCE CHARACTERISTICS 100 75 0 2000 LOAD CURRENT (mA) 95 90 85 80 200 400 600 800 1000 1200 1400 1600 1800 VIN =3.3V VIN =3.6V VIN =5V VOUT =2.5V Figure 1. Efficiency vs. Load Current for the ADP2107 with VOUT = 2.5 V TYPICAL OPERATING CIRCUIT ADP2107-ADJ OFF EN SS LX2 FB PWIN1 AGND OUTPUT VOLTAGE = 2.5V COMP ON PGND IN GND GND GND NC GND LX1 PWIN2 VIN VIN INPUT VOLTAGE = 2.7V TO 5.5V 10μF FB 1nF 70kΩ 120pF 1 2 3 4 12 11 10 9 16 15 14 13 5 6 7 8 2μH 4.7μF LOAD 0A TO 2A 10μF 10μF 10Ω 0.1μF NC = NO CONNECT 85kΩ 40kΩ FB Figure 2. Circuit Configuration of ADP2107 with VOUT = 2.5 V |
同様の部品番号 - ADP2107ACPZ-1.2-R7 |
|
同様の説明 - ADP2107ACPZ-1.2-R7 |