データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATR0630 データシート(PDF) 5 Page - ATMEL Corporation

部品番号 ATR0630
部品情報  ANTARIS4 Single-chip GPS Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0630 データシート(HTML) 5 Page - ATMEL Corporation

  ATR0630 Datasheet HTML 1Page - ATMEL Corporation ATR0630 Datasheet HTML 2Page - ATMEL Corporation ATR0630 Datasheet HTML 3Page - ATMEL Corporation ATR0630 Datasheet HTML 4Page - ATMEL Corporation ATR0630 Datasheet HTML 5Page - ATMEL Corporation ATR0630 Datasheet HTML 6Page - ATMEL Corporation ATR0630 Datasheet HTML 7Page - ATMEL Corporation ATR0630 Datasheet HTML 8Page - ATMEL Corporation ATR0630 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
4920B–GPS–06/06
ATR0630 [Preliminary]
2.7
VGA/AGC
The on-chip automatic gain control (AGC) stage sets the gain of the VGA in order to optimally
load the input of the following analog-to-digital converter. The AGC control loop can be selected
for on-chip closed-loop operation or for baseband controlled gain mode.
2.8
Analog-to-digital Converter
The analog-to-digital converter stage has a total resolution of 1.5 bits. It comprises balanced
comparators and a sub-sampling unit, clocked by the reference frequency (f
XTO). The frequency
spectrum of the digital output signal (f
OUT), present at the data outputs SIGLO and SIGH1, is
4.348 MHz.
2.9
Baseband
The GPS baseband core includes a 16-channel correlator and is based on an ARM7TDMI ARM
processor core with very low power consumption. It has a high-performance 32 bit RISC archi-
tecture, uses a high-density 16-bit instruction set, The ARM standard In-Circuit Emulation debug
interface is supported via the JTAG/ICE port of the ATR0630.
The ATR0630 architecture consists of two main buses, the Advanced System Bus (ASB) and
the Advanced Peripheral Bus (APB). The ASB is designed for maximum performance. It inter-
faces the processor with the on-chip 32-bit memories and the external memories and devices by
means of the External Bus Interface (EBI). The APB is designed for accesses to on-chip periph-
erals and is optimized for low power consumption. The AMBABridge provides an interface
between the ASB and the APB.
An on-chip Peripheral Data Controller (PDC2) transfers data between the on-chip USARTs/SPI
and the on- and off-chip memories without processor intervention. Most importantly, the PDC2
removes the processor interrupt handling overhead and significantly reduces the number of
clock cycles required for a data transfer. It can transfer up to 64K contiguous bytes without
reprogramming the starting address. As a result, the performance of the microcontroller is
increased and the power consumption reduced.
All of the external signals of the on-chip peripherals are under the control of the Parallel I/O Con-
troller (PIO2). The PIO2 Controller can be programmed to insert an input filter on each pin or
generate an interrupt on a signal change. After reset, the user must carefully program the PIO2
Controller in order to define which peripheral signals are connected with off-chip logic.
The ATR0630 features a Programmable Watchdog Timer.
An Advanced Power Management Controller (APMC) allows for the peripherals to be deacti-
vated individually. Automatic master clock gearing reduces power consumption. A Sleep Mode
is available with disabled 23.104 MHz master clock, as well as a Back-up Mode operating
32.768 kHz master clock.
A 32.768 kHz Real Time Clock (RTC), together with a buit-in battery back-up SRAM, allows for
storage of Almanac, Ephemeris, software configurations to make quick hot- and warm starts.
The ATR0630 includes full GPS firmware, licensed from u-blox AG, Switzerland. Features of the
ROM firmware are described in software documentation available from u-blox AG, Switzerland.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com