データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS6524 データシート(PDF) 48 Page - STMicroelectronics

部品番号 VS6524
部品情報  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 データシート(HTML) 48 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 44Page - STMicroelectronics VS6524 Datasheet HTML 45Page - STMicroelectronics VS6524 Datasheet HTML 46Page - STMicroelectronics VS6524 Datasheet HTML 47Page - STMicroelectronics VS6524 Datasheet HTML 48Page - STMicroelectronics VS6524 Datasheet HTML 49Page - STMicroelectronics VS6524 Datasheet HTML 50Page - STMicroelectronics VS6524 Datasheet HTML 51Page - STMicroelectronics VS6524 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Register map
VL6524/VS6524
48/70
Pipe Setup Bank1 Control
Table 17.
Pipe setup bank1 control
Name
Index
R/W
Data
Type
Format
default
Description
bImageSize1
0x0400
R/W
C
0x01
Required output dimension
0x01 = ImageSize_VGA
0x02 = ImageSize_QVGA
0x03 = ImageSize_QQVGA
0x04 = ImageSize_Manual
bSubSample1
0x0402
R/W
C
0x01
0x01 = Minimum sub-sample
corresponding to no sub-sampling.
MAX = 0x06
fEnableCrop1
0x0404
R/W
B
0x00
0x00 = False - 0x01 = True
uwCropHStartMSB1
0x0407
R/W
M I
0x00
Horizontal start point for manual crop
uwCropHStartLSB1
0x0408
R/W
M I
0x00
uwCropHSizeMSB1
0x040b
R/W
M I
0x00
Horizontal size for manual crop
uwCropHSizeLSB1
0x040c
R/W
M I
0x00
uwCropVStartMSB1
0x040f
R/W
M I
0x00
Vertical start point for manual crop
uwCropVStartLSB1
0x0410
R/W
M I
0x00
uwCropVSizeMSB1
0x0413
R/W
M I
0x00
Vertical size for manual crop
uwCropVSizeLSB1
0x0414
R/W
M I
0x00
bdataFormat1
0x0416
R/W
C
0x01
0x00 = YCbCr_JFIF
0x01 = YCbCr_Rec601
0x02 = YCbCr_Custom
0x03 = RGB_565
0x04 = RGB_565_Custom
0x05 = RGB_444
0x06 = RGB_444_Custom
0x07 = BayerVPBypass
0x08 = BayerThroughVP
bBayerOutput
Alignment1
0x0418
R/W
C
0x04
0x04 = Bayer output right shifted
0x05 = Bayer output left shifted
bContrast1
0x041a
R/W
I
0x79
Contrast control (%)
bColorSaturation1
0x041c
R/W
I
0x7d
Color saturation control (%)
bGamma1
0x041e
R/W
I
0x0f
Gamma settings
0x00 = Gamma_Linear
0x10 = Gamma SMPTE 240M
0x1F = Gamma_Max
fHorizontalMirror1
0x0420
R/W
B
0x00
Horizontal mirror control
0x00 = False, 0x01 = True
fVerticalFlip1
0x0422
R/W
B
0x00
Vertical mirror control
0x00 = False , 0x01 = True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70