| データシートサーチシステム |
|
DP83848H データシート(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83848H データシート(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 72 page ![]() 21 www.national.com 4.0 Architecture This section describes the operations within each trans- ceiver module, 100BASE-TX and 10BASE-T. Each opera- tion consists of several functional blocks and described in the following: — 100BASE-TX Transmitter — 100BASE-TX Receiver — 10BASE-T Transceiver Module 4.1 100BASE-TX TRANSMITTER The 100BASE-TX transmitter consists of several functional blocks which convert synchronous 4-bit nibble data, as pro- vided by the MII, to a scrambled MLT-3 125 Mb/s serial data stream. Because the 100BASE-TX TP-PMD is inte- grated, the differential output pins, PMD Output Pair, can be directly routed to the magnetics. The block diagram in Figure 6. provides an overview of each functional block within the 100BASE-TX transmit sec- tion. The Transmitter section consists of the following functional blocks: — Code-group Encoder and Injection block — Scrambler block (bypass option) — NRZ to NRZI encoder block — Binary to MLT-3 converter / Common Driver The bypass option for the functional blocks within the 100BASE-TX transmitter provides flexibility for applications where data conversion is not always required. The DP83848H implements the 100BASE-TX transmit state machine diagram as specified in the IEEE 802.3u Stan- dard, Clause 24. Figure 6. 100BASE-TX Transmit Block Diagram 4B5B CODE-GROUP ENCODER & INJECTOR SCRAMBLER NRZ TO NRZI ENCODER 5B PARALLEL TO SERIAL PMD OUTPUT PAIR TX_CLK TXD[3:0] / TX_EN BINARY TO MLT-3 / COMMON DRIVER 125MHZ CLOCK BP_SCR MUX 100BASE-TX LOOPBACK MLT[1:0] DIVIDE BY 5 |