データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5100EVAL データシート(PDF) 18 Page - Analog Devices

部品番号 AD5100EVAL
部品情報  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL データシート(HTML) 18 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 14Page - Analog Devices AD5100EVAL Datasheet HTML 15Page - Analog Devices AD5100EVAL Datasheet HTML 16Page - Analog Devices AD5100EVAL Datasheet HTML 17Page - Analog Devices AD5100EVAL Datasheet HTML 18Page - Analog Devices AD5100EVAL Datasheet HTML 19Page - Analog Devices AD5100EVAL Datasheet HTML 20Page - Analog Devices AD5100EVAL Datasheet HTML 21Page - Analog Devices AD5100EVAL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD5100
Preliminary Technical Data
Rev. PrJ | Page 18 of 32
Fault Detection with Shutdown Warning
An early shutdown warning is available for the system
processor to identify the source of failure and take
appropriate action before shuting down the external devices.
Whenever the voltage at V1MON is detected as over-voltage or
under-voltage, or the voltage at V2MON falls below the
threshold, SHDNWARN outputs a logic 0. If the processor sees
a logic-low on this pin, the processor may issue an I2C read
command to identify the cause of failure reported in the Fault
Detect/Status Register. The processor may store the
information in the external EEPROM as a record of failure
history.
V4OUT
V4OUT is an open-drain output triggered by V4MON wth
minimum propogation delay and the programmable delay
does not apply. V4OUT can be used as a PWM control over an
external device or used as a monitoring signal. Most
applications using V4OUT require disabling V4MON triggered
reset with an I2C command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32