| データシートサーチシステム |
|
ADV7344 データシート(PDF) 79 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7344 データシート(HTML) 79 Page - Analog Devices |
|
79 / 88 page ![]() ADV7344 Rev. 0 | Page 79 of 88 Cb PIXEL DATA HSYNC VSYNC PAL = 132 × CLOCK/2 NTSC = 122 × CLOCK/2 PAL = 864 × CLOCK/2 NTSC = 858 × CLOCK/2 Cb Y Y Cr Figure 110. SD Timing Mode 2 Odd-to-Even Field Transition (Master/Slave) Mode 3—Master/Slave Option (Subaddress 0x8A = X X X X X 1 1 0 or X X X X X 1 1 1) In this mode, the ADV7344 accepts or generates horizontal sync and odd/even field signals. When HSYNC is high, a transition of the field input indicates a new frame, that is, vertical retrace. The ADV7344 automatically blanks all normally blank lines as per CCIR-624. HSYNC and VSYNC are output in master mode and input in slave mode on the S_VSYNC and S_VSYNC pins, respectively. 260 261 262 263 264 265 266 267 268 269 270 271 272 273 274 283 284 285 ODD FIELD EVEN FIELD DISPLAY DISPLAY VERTICAL BLANK 522 523 524 525 9 10 11 20 21 22 DISPLAY DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD HSYNC FIELD HSYNC FIELD 8 7 6 5 4 3 2 1 Figure 111. SD Timing Mode 3, NTSC 622 623 624 625 5 6 21 22 23 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD FIELD DISPLAY 309 310 311 312 313 314 315 316 317 318 319 334 335 336 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD FIELD DISPLAY 320 4 3 2 1 7 HSYNC HSYNC Figure 112. SD Timing Mode 3, PAL |