| データシートサーチシステム |
|
2SC5572 データシート(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC5572 データシート(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 11 page ![]() Parameter Emitter cutoff current Forward current transfer ratio Base to emitter saturation voltage Transition frequency Fall time Storage time Rating 1500 1500 600 7 23*3 13 6 150 -55 to +150 Unit V V V V A A A W °C °C Symbol VCBO VCES VCEO VEBO ICP IC IB PC Tj Tstg s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power dissipation Junction temperature Storage temperature 50*1 3.0*2 *1)TC=25 °C *2)Ta=25°C (Without heat sink) *3)Non-repetitive peak collector current. min - - - 5 - - - - - Conditions VCB=1000V,IE=0 VCB=1500V,IE=0 VEB=7V,IC=0 VCE=5V,IC=6.5A IC=6.5A,IB=1.63A IC=6.5A,IB=1.63A VCE=10V,IC=0.1A,f=0.5MHz IC=6.5A,IB1=1.63A,IB2=-3.25A IC=6.5A,IB1=1.63A,IB2=-3.25A s Electrical Characteristics(TC=25 °C) Collector cutoff current Collector to emitter saturation voltage Symbol ICBO ICBO IEBO fFE VCE(sat) VBE(sat) fT Tf Tstg typ - - - - - - 3 - - max 50 1 50 9 3 1.5 - 0.2 2.7 Unit µA mA µA V V MHz µs µs 2SC5514 Horizontal Deflection Output Transistor 15.5 ±0.5 3.0 ±0.3 φ3.2±0.1 5.45 ±0.3 123 5.45 ±0.3 1.1 ±0.1 2.0 ±0.2 4.0 5 ° 5 ° 5 ° 5 ° 5 ° 5 ° 0.7 ±0.1 TOP-3E Unit:mm |