| データシートサーチシステム |
|
MCP2515-E/P データシート(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2515-E/P データシート(HTML) 1 Page - Microchip Technology |
|
1 / 84 page ![]() © 2005 Microchip Technology Inc. Preliminary DS21801D-page 1 MCP2515 Features • Implements CAN V2.0B at 1 Mb/s: - 0 – 8 byte length in the data field - Standard and extended data and remote frames • Receive buffers, masks and filters: - Two receive buffers with prioritized message storage - Six 29-bit filters -Two 29-bit masks • Data byte filtering on the first two data bytes (applies to standard data frames) • Three transmit buffers with prioritizaton and abort features • High-speed SPI™ Interface (10 MHz): - SPI modes 0,0 and 1,1 • One-shot mode ensures message transmission is attempted only one time • Clock out pin with programmable prescaler: - Can be used as a clock source for other device(s) • Start-of-Frame (SOF) signal is available for monitoring the SOF signal: - Can be used for time-slot-based protocols and/or bus diagnostics to detect early bus degredation • Interrupt output pin with selectable enables • Buffer Full output pins configurable as: - Interrupt output for each receive buffer - General purpose output • Request-to-Send (RTS) input pins individually configurable as: - Control pins to request transmission for each transmit buffer - General purpose inputs • Low-power CMOS technology: - Operates from 2.7V – 5.5V - 5 mA active current (typical) - 1 µA standby current (typical) (Sleep mode) • Temperature ranges supported: - Industrial (I): -40°C to +85°C - Extended (E): -40°C to +125°C Description Microchip Technology’s MCP2515 is a stand-alone Controller Area Network (CAN) controller that imple- ments the CAN specification, version 2.0B. It is capable of transmitting and receiving both standard and extended data and remote frames. The MCP2515 has two acceptance masks and six acceptance filters that are used to filter out unwanted messages, thereby reducing the host MCUs overhead. The MCP2515 interfaces with microcontrollers (MCUs) via an industry standard Serial Peripheral Interface (SPI). Package Types TXCAN RXCAN VDD RESET CS SO 1 2 3 4 18 17 16 15 SI SCK INT RX0BF 14 13 12 11 RX1BF 10 OSC2 OSC1 CLKOUT/SOF TX2RTS 5 6 7 8 Vss 9 TX0RTS TX1RTS TXCAN RXCAN TX0RTS OSC1 CLKOUT/SOF OSC2 CS VDD RESET SO SCK INT SI RX0BF RX1BF VSS TX1RTS TX2RTS NC NC 13 12 1 2 3 4 5 6 7 8 9 20 19 18 17 16 15 14 11 10 18-Lead PDIP/SOIC 20-LEAD TSSOP Stand-Alone CAN Controller With SPI™ Interface |
同様の部品番号 - MCP2515-E/P |
|
同様の説明 - MCP2515-E/P |