| データシートサーチシステム |
|
4LS15K データシート(PDF) 59 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS15K データシート(HTML) 59 Page - ams AG |
|
59 / 115 page ![]() Document Feedback 4LS Digital Interface Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 58 Figure 84: Read Back Data in Detail Figure 85 exemplifies a cycle of multiple reading operations. Figure 85: Read Cycle For Multiple Registers 8.2.4 Operation Conditions Functional operation of the SPI is guaranteed under below conditions. Figure 86: Power Supply Conditions Parameter Description Min Typical Maximum Unit VDDIO Power Supply Voltage (IO) 1.7 1.8 1.9 V Vnrms VDDIO RMS Noise on VDDIO 10 mV Vnpp VDDIO Peak to Peak Noise on VDDIO 60 mV VSSIO Ground for IO Power Supply 0 V Figure 87: DC Electrical Conditions Parameter Description Min Maximum Unit VOL Low Level Output Voltage 0 0.6 V D7 D6 D5 D4 D3 D2 D1 D0 A2 A1 A0 N_CS SCLK MOSI MISO 3 SCLK 8 SCLK D7 D6 D5 D4 D3 D2 D1 D0 A2 A1 A0 N_CS SCLK MOSI MISO 3 SCLK 3 x TSCLK 8 x TSCLK N_CS SCLK SCLK MOSI MISO 0X0B 0X1C 0XZZ 0X0C 0X1C 0XYY 3 SCLK 3 SCLK 3 x TSCLK 3 x TSCLK |