データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KWCSLPM2.CC データシート(PDF) 16 Page - ams AG

部品番号 KWCSLPM2.CC
部品情報  This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

KWCSLPM2.CC データシート(HTML) 16 Page - ams AG

Back Button KWCSLPM2.CC Datasheet HTML 12Page - ams AG KWCSLPM2.CC Datasheet HTML 13Page - ams AG KWCSLPM2.CC Datasheet HTML 14Page - ams AG KWCSLPM2.CC Datasheet HTML 15Page - ams AG KWCSLPM2.CC Datasheet HTML 16Page - ams AG KWCSLPM2.CC Datasheet HTML 17Page - ams AG KWCSLPM2.CC Datasheet HTML 18Page - ams AG KWCSLPM2.CC Datasheet HTML 19Page - ams AG KWCSLPM2.CC Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
KW CSLPM2.CC
DATASHEET
DATASHEET
16 | Version 1.5 | 2023-07-03
Electrical Internal Circuit
Recommended Solder Pad 8)
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. Package not suit-
able for ultra sonic cleaning. To ensure a high solder joint reliability and to minimize the risk of solder joint cracks, the custom-
er is responsible to evaluate the combination of PCB board and solder paste material for his application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26