| データシートサーチシステム |
|
AD9927BBCZ データシート(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9927BBCZ データシート(HTML) 36 Page - Analog Devices |
|
36 / 100 page ![]() AD9927 Rev. 0 | Page 36 of 100 XV1 XV2 XV23 VLENA VLENB VLENC VLEND V-PATTERN A XV3 V-PATTERN B V-PATTERN C V-PATTERN D NOTES 1. EACH SEGMENT MUST BE THE SAME LENGTH. VLENA = VLENB = VLENC = VLEND. Figure 40. Vertical Timing Divided Into Four Segments: VPATA, VPATB, VPATC, and VPATD HD COMBINED V-PATTERN NOTES 1. ABLE TO CONCATENATE PATTERNS TOGETHER ARBITRARILY. 2. EACH PATTERN CAN HAVE UP TO FOUR TOGGLES PROGRAMMED. 3. MAY CONCATENATE UP TO 18 PATTERNS INTO A MERGED PATTERN. 4. ODD AND EVEN LINES CAN HAVE A DIFFERENT PATTERN CONCATENATION SPECIFIED BY VALTSEL EVEN AND ODD REGISTERS. AB B D A C C A B C B DAB A A Figure 41. Concatenating Each VPAT Group in Arbitrary Order NOTES 1. SIX V-PATTERN SEGMENTS CONCATENATED INTO A MERGED PATTERN. 2. COMMON AND REPETITIVE VTP SEGMENTS DERIVED FROM THE COMPLETE VTP PATTERN. 3. VALTSEL REGISTERS SPECIFY SEGMENT ORDER TO CREATE THE CONCATENATED MERGED PATTERN. AC B D XV1 XV2 XV23 XV3 VPATA VPATC VPATB VPATD VPATD VPATA VALTSEL0_EVEN 0 0 1 1 1 0 VALTSEL1_EVEN 0 1 0 1 1 0 SEGMENT 1 A D XV1 TO XV23 SEGMENT 2 SEGMENT 3 SEGMENT4 SEGMENT 5 SEGMENT 6 HD Figure 42. Example of Special V-Sequence Alternation Mode Using VALTSEL Registers to Specify Segment Order |