データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADA4853-1AKSZ-R2 データシート(PDF) 6 Page - Analog Devices

部品番号 ADA4853-1AKSZ-R2
部品情報  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADA4853-1AKSZ-R2 データシート(HTML) 6 Page - Analog Devices

Back Button ADA4853-1AKSZ-R2 Datasheet HTML 2Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 3Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 4Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 5Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 6Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 7Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 8Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 9Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2
–6
0.1
200
FREQUENCY (MHz)
1
10
100
1
0
–1
–2
–3
–4
–5
G = –1*
G = +2*
G = +10*
VS = 5V
RL = 150Ω
VOUT = 0.1V p-p
*ADA4853-1/ADA4853-2
ADA4853-3
LFCSP
Figure 7. Small Signal Frequency Response for Various Gains
VS = 5V
G = +1
VOUT = 0.1V p-p
RL = 75Ω
FREQUENCY (MHz)
3
2
0
1
–1
–2
–3
–4
–5
–6
0.1
1
10
100 200
RL = 150Ω
RL = 1kΩ
Figure 8. Small Signal Frequency Response for Various Loads
FREQUENCY (MHz)
4
3
2
1
–1
0
–4
–5
–3
–2
–6
0.1
1
10
100 200
G = +1
RL = 150Ω
VOUT = 0.1V p-p
VS = 3V
VS = 5V
Figure 9. Small Signal Frequency Response for Various Supplies
RL
CL
RSNUB
5
3
4
0
–3
–4
–5
–2
–1
1
2
–6
0.1
1
10
100 200
FREQUENCY (MHz)
VS = 5V
RL = 150Ω
VOUT = 0.1V p-p
G = +1
CL = 0pF
CL = 5pF
CL = 10pF
CL = 10pF/25Ω SNUB
Figure 10. Small Signal Frequency Response for Various Capacitive Loads
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
0.1
1
10
40
FREQUENCY (MHz)
VS =5V
RL =150Ω
G=+2
0.1V p-p
2.0V p-p
Figure 11. 0.5 dB Flatness Response for Various Output Voltages
8.0
0.1
1000
FREQUENCY (MHz)
110
100
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
5.8
5.6
0.1V p-p
2V p-p
VS = 5V
RL = 150Ω
G = +2
Figure 12. ADA4853-3 LFCSP_VQ Flatness Response for Various Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com