データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFH4246R データシート(PDF) 14 Page - ams AG

部品番号 SFH4246R
部品情報  TOPLED® Reverse Gullwing Lens Infrared Emitter (940 nm) - 24 °
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

SFH4246R データシート(HTML) 14 Page - ams AG

Back Button SFH4246R Datasheet HTML 9Page - ams AG SFH4246R Datasheet HTML 10Page - ams AG SFH4246R Datasheet HTML 11Page - ams AG SFH4246R Datasheet HTML 12Page - ams AG SFH4246R Datasheet HTML 13Page - ams AG SFH4246R Datasheet HTML 14Page - ams AG SFH4246R Datasheet HTML 15Page - ams AG SFH4246R Datasheet HTML 16Page - ams AG SFH4246R Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SFH 4246R
14 Version 1.1 | 2020-09-01
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on the OSRAM OS website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
OSRAM OS components are not developed, constructed or tested for the application as safety relevant
component or for the application in medical devices.
OSRAM OS products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using OSRAM OS components in product safety
devices/applications or medical devices/applications, buyer and/or customer has to inform the local sales
partner of OSRAM OS immediately and OSRAM OS and buyer and /or customer will analyze and coordi-
nate the customer-specific request between OSRAM OS and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com