データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMD3721 データシート(PDF) 76 Page - ams AG

部品番号 TMD3721
部品情報  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 データシート(HTML) 76 Page - ams AG

Back Button TMD3721 Datasheet HTML 72Page - ams AG TMD3721 Datasheet HTML 73Page - ams AG TMD3721 Datasheet HTML 74Page - ams AG TMD3721 Datasheet HTML 75Page - ams AG TMD3721 Datasheet HTML 76Page - ams AG TMD3721 Datasheet HTML 77Page - ams AG TMD3721 Datasheet HTML 78Page - ams AG TMD3721 Datasheet HTML 79Page - ams AG TMD3721 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
Datasheet, Public
Page 75
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Package Drawings & Markings
Figure 109:
TMD3721 Package Drawings
Note(s):
1. All linear dimensions are in millimeters.
2. Dimension tolerances are ±0.05mm unless otherwise noted.
3. Contact finish is Au.
4. This package contains no lead (Pb).
5. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89