データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMF8701 データシート(PDF) 45 Page - ams AG

部品番号 TMF8701
部品情報  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 データシート(HTML) 45 Page - ams AG

Back Button TMF8701 Datasheet HTML 41Page - ams AG TMF8701 Datasheet HTML 42Page - ams AG TMF8701 Datasheet HTML 43Page - ams AG TMF8701 Datasheet HTML 44Page - ams AG TMF8701 Datasheet HTML 45Page - ams AG TMF8701 Datasheet HTML 46Page - ams AG TMF8701 Datasheet HTML 47Page - ams AG TMF8701 Datasheet HTML 48Page - ams AG TMF8701 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Page 44
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
Bootloader Registers – appid=0x80
Following registers are only available if appid=0x80
(Bootloader):
Figure 104:
BL_CMD_STAT Register
Figure 105:
BL_SIZE Register
Figure 106:
BL_DATA Register
Figure 107:
BL_CSUM Register
0x08: BL_CMD_STAT
Field
Name
Reset
Type
Description
7:0
bl_cmd_stat
0
RW
Write: Bootloader Command – see section
Bootloader commands
Read: Bootloader Status – anything else than
0x00 means an error
0x09: BL_SIZE
Field
Name
Reset
Type
Description
6:0
bl_size
0
RW
Data size in bytes
0x0A - 0x8A: BL_DATA
Field
Name
Reset
Type
Description
7:0
bl_data0 … bl_
data127
0RW
Up to 128 data bytes for bootloader
commands
0x8B: BL_CSUM
Field
Name
Reset
Type
Description
7:0
bl_csum
0
RW
Checksum for Sum (Command + Data Size +
Data itself ) XOR 0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66