データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33982 データシート(PDF) 15 Page - NXP Semiconductors

部品番号 33982
部品情報  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 データシート(HTML) 15 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 11Page - NXP Semiconductors 33982 Datasheet HTML 12Page - NXP Semiconductors 33982 Datasheet HTML 13Page - NXP Semiconductors 33982 Datasheet HTML 14Page - NXP Semiconductors 33982 Datasheet HTML 15Page - NXP Semiconductors 33982 Datasheet HTML 16Page - NXP Semiconductors 33982 Datasheet HTML 17Page - NXP Semiconductors 33982 Datasheet HTML 18Page - NXP Semiconductors 33982 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
NXP Semiconductors
15
33982
ELECTRICAL CHARACTERISTICS
Figure 5. Overcurrent shutdown
Figure 6. Overcurrent low and high detection
Figure 6 illustrates the overcurrent detection level (IOCLX, IOCHX) the device can reach for each overcurrent detection blanking time (tOCHX,
tOCLX):
•During tOCHX, the device can reach up to Ioch0 overcurrent level.
•During tOCL3 or tOCL2 or tOCL1 or tOCL0, the device can be programmed to detect up to Iocl0.
IOCLx
IOCHx
tOCLx
tOCH
Time
Load
Current
IOCH0
tOCL0
tOCL1
tOCL2
tOCL3
tOCHx
Time
Load
Current
IOCH1
IOCL0
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
IOCL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47